PART |
Description |
Maker |
CD4015BDTR CD4015BKTR CD4015BT 5962R9662401TXC 596 |
CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output(串行输入并行输出的CMOS 双四阶静态移位寄存器) CMOS级静态移位寄存器在串行输并行输出(串行输入并行输出的的CMOS双四阶静态移位寄存器 CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output 4000/14000/40000 SERIES, 4-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, CDFP16
|
Intersil Corporation Intersil, Corp.
|
FEC40-12T3315 FEC40 FEC40-12D12 FEC40-12D15 FEC40- |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 提供单,双,双阳性(总输出电A)及三路输出
|
Electronic Theatre Controls, Inc. ETC[ETC] Power Mate Technology
|
U6815BM U6815BM-NFL U6815BM-NFLG3 T6815BM-NFL |
Dual Hex DMOS output driver with serial input control. Dual Hexdriver with serial input control
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
PACDN046Y3 PACDN046Y6 PACDN046Y5 PACDN046Y4 PACDN0 |
Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:6.7A; Power Supply Mounting:Open Frame; External Depth:185mm; External Width:108mm; Operating Temp. Max:50 C Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:5.3A; Mounting Type:PCB; Output Current:5.3A; Output Current Max:7.3A; Output Current Min:0A; Output Power Max:110W RoHS Compliant: Yes TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
|
California Micro Devices Corporation
|
MAX176 MAX176BCWE MAX176ACWE MAX176ACPA MAX176BCPA |
Serial Output 12 Bits ADC(串行输出250ksps,串行2位ADC) 串行输出250ksps2位ADC,带有采保持和电压基 Serial Output 12 Bits ADC(串行输出B>250ksps,串行2位ADC) Serial-Output, 250ksps 12-Bit ADC with T/H and Reference Replaced by TMS320C6410 : Digital Signal Processors 68-PLCC 0 to 0 Replaced by TMS320C6410 : Digital Signal Processors 68-PLCC 0 to 70 Circular Connector; No. of Contacts:37; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-37 RoHS Compliant: No ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Serial-Output, 250Ksps 12-Bit ADC with T/H and Refernce 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16
|
Maxim Integrated Produc... http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
HCF4015B HCF4015BC1 HCF4015BEY HCF4015BM1 HCC_HCF4 |
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT 级静态移位寄存器与串行输并行输出 From old datasheet system INPUT/PARALLEL OUTPUT DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
MAX5222 MAX5222EKA-T |
Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-VQFN -40 to 85 Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
M74HC153 M74HC153B1R M74HC153C1R M74HC153F1R M74HC |
HC153 DUAL 4 CHANNEL MULTIPLEXER HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER 12-Bit, 3 us Quad DAC, Serial Input, Pgrmable Settling Time, Low Power, H/W or S/W PowerDown 16-SOIC -40 to 85 HC253通道多三态输出的HC153通道
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
ST95040 ST95040B1TR ST95040B3TR ST95040B6TR ST9504 |
4K serial SPI EEPROM with positive clock strobe 4/2/1 KBITS SERIAL SPI EEPROM WITH POSITIVE CLOCK STROBE (ST950x0) 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe MOSFET, N SOT-23MOSFET, N SOT-23; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:SOT-23; Current, Id cont:2.6A; Current, Idm pulse:10A; Power, Pd:0.75W; Resistance, Rds on:0.07R; SMD:1; Current, Id 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe 4K/2K/1K串行SPI EEPROM,带有正时钟选 SPI Serial EEPROM SPI串行EEPROM 2K serial SPI EEPROM with positive clock strobe
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
AD5422 |
Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
|
Analog Devices
|